|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
R. 020080 Vishay Draloric Tubular Capacitors, Tag Mounting RA 020080 4KVp RB 020080 4KVp RC 020080 4KVp RE 020080 4KVp 6 x 0.4 (0.236 x 0.016) 3 0.2 (0.118 0.008) 40 1 (1.575 0.04) 40 1 (1.575 0.004) 0.5 (0.02) 88 1 (3.465 0.04) 18 + 1 (0.709 + 0.04) 0.5 (0.02) 6 (0.236) 80 (3.150) o 25 (0.984 DIA) Insulating base 40 (1.575) 32 0.3 (1.260 0.012) + 0.008 54 (2.126) 40 0.8 (1.575 0.031) 0.5 (0.02) 81 1 (3.189 0.04) 40 (1.575) 32 0.2 (1.260 0.012) 18 + 1 (0.709 + 0.04) ) + 0.016 4.3 + 0.4 (1.169 o 20 (0.787 DIA) * Dimensions in millimeters (inches) MATERIAL: Capacitor elements made from Class 1 ceramic dielectric with noble metal electrodes. Connection terminals: Copper/brass, silver plated. MARKING: Type designator, Capacitance value and tolerance, Rated voltage (peak value), Production date code, Ceramic material code, DRALORIC Logo FINISH: Capacitor body completely laquered. Insulating ceramic base glazed (Model RC only). ORDERING INFORMATION RA 020080 MODEL 4KVp RATED VOLTAGE 1600pF CAPACITANCE VALUE 19 (0.748 + 0.04) +1 20% TOLERANCE 4.3 + 0.2 (0.169 4.3 + 0.2 28 (1.102) (1.169 + 0.008 ) ) R 85 CERAMIC www.vishay.com 62 For technical questions, contact powcap@vishay.com Document Number: 22116 Revision 22-Nov-01 R. 020080 Tubular Capacitors, Tag Mounting R. 020080 CERAMIC CAPACITANCE VALUE [pF] 60 R7 80 100 120 160 200 250 300 R 42 400 500 600 800 1000 R 85 1200 1600 2000 4 10.5 6 4 10.5 6 4 8.0 6 RATED VOLTAGE [KVp] RATED POWER [KVAr] RATED CURRENT [ARMS] Vishay Draloric CAPACITANCE TOLERANCES: 20%, 10%, 5% Other capacitance values and tolerances are available on request. Document Number: 22116 Revision 22-Nov-01 For technical questions, contact powcap@vishay.com www.vishay.com 63 |
Price & Availability of R020 |